Part Number Hot Search : 
KBJ1501 S78L08F TC5514 2832603 BYQ28E GSIB1520 GPAF801 5KPA45CA
Product Description
Full Text Search
 

To Download MDMA082A1C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Panasonic
MDMA Series
(Middle Inertia)
Minas A Series Digital AC Servo Motors & Drivers
MDMA Series Middle Inertia
Motor Output Range 0.75kW, 1.0kW, 1.5kW, 2.0kW, 2.5kW, 3.0kW, 3.5kW, 4.0kW, 4.5kW, 5.0kW Middle Inertia Type Rated Speed: 2000rpm Maximum Speed: 3000rpm Torque: From 94.77 to 632.37lb-in at peak Applicable Amplifier Use with MDDA Driver
Explanation of Part Numbers
1 2 3 4 5 6 7 8 9 10
M
D
M
A
2
0
2
A
1
G
Seri es MDMA
08 10 15 20 25
Rated Output 750W 1.0kW 1.5kW 2.0kW 2.5kW 30 35 40 45 50 3.0kW 3.5kW 4.0kW 4.5kW 5.0kW
2
P ow er S uppl y 200V
Speci fi cati ons C D Round shaft, oi l seal Round shaft, brake & oi l seal Key shaft, oi l seal Key shaft, brake & oi l seal
Encoder A D 2500 p/r i ncremental 17 bi t absol ute
G H
For 17 bi t i ncremental , use the absol ute encoder wi thout battery backup
Design and specifications are subject to change without notice. Ask Aromat for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please contact Aromat immediately for techinical consultation.
59
Panasonic
MDMA Series
(Middle Inertia)
Minas A Series Digital AC Servo Motors & Drivers
Motor / Driver Options
Comm. Software DV0P2820
NET SER I/F
RS485 Cable DV0P197

U V W SIG
RS232C Cable DV0P1960
Selects cable length 0=200mm (7.87in) 1=500mm (1.69in) 2=1000mm (39.37in)
Driver MDDA _ _ _ _1A See the Explanation of Part Numbers in the Minas A Series Drivers section.
Interface Cable DV0P2190
ll ES = 2500p/r incremental LS = 17bit absolute Selects cable length 003 = 3m (9.84ft) 005 = 5m (16.40ft) 010 = 10m (32.81ft) 020 = 20m (65.62ft)
Encoder Cable MFECA0llA
Motor Power Cable MFMCD2ECT
MFMCA3ECT
Motor
Optional Brake Cable DC24V MFMCA2FCT
MFMCA3FCT
MDMA _ _ _ _1 _ See the Explanation of Part Numbers on the previous page.
60
Panasonic
MDMA Series
(Middle Inertia)
Minas A Series Digital AC Servo Motors & Drivers
Motor / Driver Options
Communications Software RS485 Cable RS232C Cable Interface Cable Encoder Cable Motor Power Cable Brake Cable (Optional) Motor DV0P2820 DV0P197 DV0P1960 DV0P2190 MFECA0ESA MFECA0LSA MFMCD2ECT MFMCA3ECT MFMCA2FCT MFMCA3FCT MDMA _ _ _ A1 _ MDMA _ _ _ D1 _ MDDA _ _ _ A1A Driver MDDA _ _ _ D1A Connectors (Optional) Backup Battery 17bit absolute 2500p/r incremental 17bit absolute 0.75 - 2.5kW 3.0 - 5.0kW 0.75 - 2.5kW 3.0 - 5.0kW 2500p/r incremental 17bit absolute 2500p/r incremental See explanation of par t numbers See explanation of par t numbers in the Minas A Drivers section Cable length Cable length
For customer supplied cables. See the Minas A Series Accessories section Available for absolute encoder. See the Minas A Series Accessories section
* If connecting to an FP2-PP2/PP4 module, an interface terminal block and plug & play cables are provided. Please see page 212 "Motor and Driver I/F Terminal."
61
Panasonic
MDMA Series
(Middle Inertia)
Minas A Series Digital AC Servo Motors & Drivers
Specifications
N. m Rated lb-in. Torque N. m Maximum lb-in. Without Brake Rotor Iner tia With Brake Rated Speed Maximum Without Brake Weight With Brake Rated Current Maximum Power Rating Without Brake With Brake Voltage Brake (Option) Current Static Friction Torque A(0-P) kW/s kW/s V DC, A N. m lb-in kg lb A(rms) r/min. kg lb
MDMA152ccc - 1.5kW/200V
7.15
200
Speed - Torque Curve
20 Intermittent Duty Zone 10 Continuous Duty Zone 1000 2000 3000 r/min. At AC200V At AC180V
63.33 21.50 190.42 11.20 3.827 12.30 4.203 2000 3000 8.5 18.74 10.1 22.27 9.4 40 45.8 41.4 DC 24 2.4 0.79 10% 13.7 or higher 121.34 or higher
100 lb in N
m
x10kg.-4m2 lb. in2 x10kg.-4m2 lb. in2 r/min.
Temperature Characteristics
With Oil Seal
Rated T orque(%) 100
Note: Oil seal comes as standard. 10 20 30 40 Ambient T emp.(C)
Permissible Radial and Thrust Loads
Radial Load Motor
L L/2
Thrust Load Motor
A
B
During Installation of Motor Radial Load 980 N 220 lb Thrust A 588 N 132 lb Thrust B 686 N 154 lb
During Operation of Motor Radial Load Thrust Load 490 N 110 lb 196 N 44 lb
Note: Separate power source required for brake (DC24V)
66
Panasonic
MDMA Series
(Middle Inertia)
Minas A Series Digital AC Servo Motors & Drivers
MDMA152ccc - 1.5kW/200V
Dimensions
Units: mm(in)
Drawing not to scale
Brake Without With L LL LM KB1 KB2 S LR LW LK KW KH RH 230 175 130 100 155 (9.055) (6.890) (5.118) (3.937) (6.102) 255
22 55 45 41 8 7 18 200 155 125 180 (0.866) (2.165) (1.772) (1.614) (0.315) (0.276) (0.709) (10.039) (7.874) (6.102) (4.921) (7.087)
Note: Dimensions reflect incremental type motor. For absolute type motor dimensions, refer to the motor specification.
67


▲Up To Search▲   

 
Price & Availability of MDMA082A1C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X